Part Number Hot Search : 
LT1027D 8806CEH HYS64T KT831W51 74LVC3 10150 MAX1206 7212AM
Product Description
Full Text Search
 

To Download IR02H420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD-6.076
IR02H420
HIGH VOLTAGE HALF-BRIDGE
Features
n n n n n n n n
Output Power MOSFETs in half-bridge configuration 500V Rated Breakdown Voltage High side gate drive designed for bootstrap operation Matched propagation delay for both channels Independent high and low side output channels Undervoltage lockout 5V Schmitt-triggered input logic Half-Bridge output out of phase with HIN
Product Summary
VIN (max) ton/off trr RDS(on) PD (TA = 25 C) 500V 130 ns 270 ns 3.0 2.0W
Description
The IR02H420 is a high voltage, high speed half bridge. Proprietary HVIC and latch immune CMOS technologies, along with the HEXFET(R) power MOSFET technology, enable ruggedized single package construction. The logic inputs are compatible with standard CMOS or LSTTL outputs. The front end features an independent high and low side driver in phase with the logic compatible input signals. The output features two HEXFETs in a half-bridge configuration with a high pulse current buffer stage designed for minimum cross-conduction in the halfbridge. Propagation delays for the high and low side power MOSFETs are matched to simplify use. The device can operate up to 500 volts.
Package
IR02H420 9506
Typical Connection
UP V IN TO 500V DC BUS
IR 0 2 H 4 2 0 V CC
1
V CC V B
6
H IN
2
H IN
9
V IN
L IN
3
L IN
7
VO
TO
4
COM
LOAD
COM
IR02H420
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
VIN VB VO VIH/VIL VCC dv/dt PD RJA TJ TS TL
Parameter Definition
High Voltage Supply High Side Floating Supply Absolute Voltage Half-Bridge Output Voltage Logic Input Voltage (HIN & LIN) Low Side and Logic Fixed Supply Voltage Peak Diode Recovery dv/dt Package Power Dissipation @ TA +25C Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds)
Min.
-0.3 -0.3 -0.3 -0.3 -0.3 -------55 -55 ---
Max.
500 525 VIN + 0.3 VCC + 0.3 25 3.5 2.00 60 150 150 300
Units
V
V/ns W C/W C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions.
Symbol
VB VIN VO VCC VIH/VIL ID TA Note 1:
Parameter Definition
High Side Floating Supply Absolute Voltage High Voltage Supply Half-Bridge Output Voltage Low Side and Logic Fixed Supply Voltage Logic Input Voltage (HIN & LIN) Continuous Drain Current Ambient Temperature (TA = 25C) (TA = 85C)
Min.
VO + 10 --(note 1) 10 0 -----40
Max.
VO + 20 500 500 20 VCC 0.7 0.5 125
Units
V
A C
Logic operational for VO of -5 to 500 V. Logic state held for VO of -5 to - VB.
IR02H420
Dynamic Electrical Characteristics
VBIAS (VCC, VB) = 15V and TA = 25C unless otherwise specified. Switching time waveform definitions are shown in figure 2.
Symbol
ton toff tr tf MT trr Qrr
Parameter Definition
Turn-On Propagation Delay (see note 2) Turn-Off Propagation Delay (see note 2) Turn-On Rise Time (see note 2) Turn-Off Fall Time (see note 2) Delay Matching, HS & LS Turn-On/Off Reverse Recovery Time (MOSFET Body Diode) Reverse Recovery Charge (MOSFET Body Diode)
TA = 25C Min. Typ. Max. Units
--------------130 90 80 40 30 260 0.7 200 200 120 70 ------C ns
Test Conditions
VS = 0 V VS = 500 V
IF = 0.7 A di/dt = 100A/s
Note 2: Switching times as specified and illustrated in figure 2 are referenced to the MOSFET gate input voltage. This is shown as HO in figure 2.
Static Electrical Characteristics
VBIAS (VCC, VB) = 15V and TA = 25C unless otherwise specified. The Input voltage and current levels are referenced to COM.
Symbol
Parameter Definition
TA = 25C Min. Typ. Max. Units
8.8 7.5 ------2.7 ----------9.3 8.2 140 20 ------20 --3.0 0.8 9.8 V 8.6 240 50 50 --0.8 40 1.0 -----
Test Conditions
Supply Characteristics VCCUV+ VCC Supply Undervoltage Positive Going Threshold VCCUV- VCC Supply Undervoltage Negative Going Threshold IQCC Quiescent VCC Supply Current IQBS Quiescent VBS Supply Current IOS Offset Supply Leakage Current Input Characteristics VIH Logic "1" Input Voltage VIL Logic "0" Input Voltage IIN+ Logic "1" Input Bias Current IINLogic "0" Input Bias Current Output Characteristics RDS(on) Static Drain-to-Source On-Resistance VSD Diode Forward Voltage
A VB = VS = 500V V A A V ID = 700mA Tj = 150 C VCC = 10V to 20V
IR02H420
Functional Block Diagram
VB 6 1 IRFC420 VIN 9
V CC
___ HIN ___ LIN
2 IR2102 3 IRFC420
7 VO
4 COM
Lead Definitions
Symbol
VCC HIN LIN VB VIN VO COM
Lead Description
Logic and internal gate drive supply voltage. Logic input for high side Half Bridge output, out of phase Logic input for low side Half Bridge output, in phase High side gate drive floating supply. For bootstrap operation a high voltage fast recovery diode is needed to feed from VCC to VB. High voltage supply. Half-Bridge output. Logic and low side of Half-Bridge return.
Lead Assignments
1
2
3
4
6
7
9 VIN
VCC HIN
VB V0 LIN COM 9 Lead SIP w/o Leads 5 & 8
IR02H420
IR02H420
___ LIN
___ HIN
50%
50%
ton
tr 90%
toff 90%
tf
___ HIN
HO
V+ 0
10% 10%
VO
VO
Figure 1. Input/Output Timing Diagram
Figure 2. Switching Time Waveform Definitions
___ HIN ___ LIN
50%
50%
LO
HO
10%
MT 90%
MT
LO
HO
Figure 3. Delay Matching Waveform Definitions
IR02H420
Package Outline
WORLD HEADQUARTERS: 233 KANSAS ST., EL SEGUNDO, CA 90245 USA * (310)322-3331 * FAX (310)322-3332 * TELEX 472-0403 EUROPEAN HEADQUARTERS: HURST GREEN, OXTED, SURREY RH8 9BB, UK * (44)0883 713215 * FAX (944)0883 714234 * TELEX 95219
Sales Offices, Agents and Distributors in Major Cities Throughout the World. (c) 1996 International Rectifier Printed in U.S.A. 3-96
Data and specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of IR02H420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X